Part Number Hot Search : 
M74HC76 ROV14 LTC55 SST39 3N60E V769MEM1 MS201 MP2361DK
Product Description
Full Text Search
 

To Download LTC2175IUKG-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical Specifications Subject to Change
LTC2175-14/ LTC2174-14/LTC2173-14 14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs FEATURES
n n n n n n n n n n n n
DESCRIPTION
The LTC(R)2175-14/2174-14/2173-14 are 4-channel, simultaneous sampling 14-bit A/D converters designed for digitizing high frequency, wide dynamic range signals. They are perfect for demanding communications applications with AC performance that includes 73.4dB SNR and 88dB spurious free dynamic range (SFDR). Ultralow jitter of 0.15psRMS allows undersampling of IF frequencies with excellent noise performance. DC specs include 1LSB INL (typ), 0.3LSB DNL (typ) and no missing codes over temperature. The transition noise is a low 1.2 LSBRMS. The digital outputs are serial LVDS to minimize the number of data lines. Each channel outputs two bits at a time (2-lane mode). At lower sampling rates there is a one bit per channel option (1-lane mode). The LVDS drivers have optional internal termination and adjustable output levels to ensure clean signal integrity. The ENC+ and ENC- inputs may be driven differentially or single-ended with a sine wave, PECL, LVDS, TTL, or CMOS inputs. An internal clock duty cycle stabilizer allows high performance at full speed for a wide range of clock duty cycles.
4-Channel Simultaneous Sampling ADC 73.4dB SNR 88dB SFDR Low Power: 558mW/450mW/376mW Single 1.8V Supply Serial LVDS Outputs: 1 or 2 Bits per Channel Selectable Input Ranges: 1VP-P to 2VP-P 800MHz Full Power Bandwidth S/H Shutdown and Nap Modes Serial SPI Port for Configuration Pin Compatible 14-Bit and 12-Bit Versions 52-Pin (7mm x 8mm) QFN Package
APPLICATIONS
n n n n n n
Communications Cellular Base Stations Software Defined Radios Portable Medical Imaging Multichannel Data Acquisition Nondestructive Testing
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners.
TYPICAL APPLICATION
1.8V VDD CHANNEL 1 ANALOG INPUT CHANNEL 2 ANALOG INPUT CHANNEL 3 ANALOG INPUT CHANNEL 4 ANALOG INPUT ENCODE INPUT S/H 14-BIT ADC CORE 1.8V OVDD OUT1A OUT1B OUT2A AMPLITUDE (dBFS) DATA SERIALIZER S/H 14-BIT ADC CORE OUT2B OUT3A OUT3B OUT4A OUT4B DATA CLOCK OUT FRAME SERIALIZED LVDS OUTPUTS
LTC2175-14, 125Msps, 2-Tone FFT, fIN = 70MHz and 75MHz
0 -10 -20 -30 -40 -50 -60 -70 -80
S/H
14-BIT ADC CORE
S/H
14-BIT ADC CORE
-90 -100 -110 -120 0 10 20 30 40 FREQUENCY (MHz) 50 60
217514 TA01b
PLL
GND
OGND
217514 TA01
21754314p
1
LTC2175-14/ LTC2174-14/LTC2173-14 ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
PIN CONFIGURATIONS
TOP VIEW PAR/SER OUT1A+ OUT1A- OUT1B+ OUT4A- OUT1B- 40 OUT2A+ 39 OUT2A- 38 OUT2B+ 37 OUT2B- 36 DCO+ 35 DCO- 53 34 OVDD 33 OGND 32 FR+ 31 FR- 30 OUT3A+ 29 OUT3A- 28 OUT3B+ 27 OUT3B- 15 16 17 18 19 20 21 22 23 24 25 26 VDD VDD ENC+ ENC- CS SCK SDI OUT4B- OUT4B+ OUT4A+ GND SENSE VREF GND GND SDO VDD AIN1+ 1 AIN1 AIN2 AIN2
-
Supply Voltages VDD, OVDD................................................ -0.3V to 2V Analog Input Voltage (AIN+, AIN-, PAR/SER, SENSE) (Note 3) ...........-0.3V to (VDD + 0.2V) Digital Input Voltage (ENC+, ENC-, CS, SDI, SCK) (Note 4) .................................... -0.3V to 3.9V SDO (Note 4) ............................................ -0.3V to 3.9V Digital Output Voltage ................ -0.3V to (OVDD + 0.3V) Operating Temperature Range LTC2175C, 2174C, 2173C ........................ 0C to 70C LTC2175I, 2174I, 2173I ....................... -40C to 85C Storage Temperature Range................... -65C to 150C
52 51 50 49 48 47 46 45 44 43 42 41 2
VCM12 3
+ -
4 5
REFH 6 REFH 7 REFL 8 REFL 9 AIN3 10 AIN3 11 VCM34 12 AIN4 13 AIN4- 14
+ - +
UKG PACKAGE 52-LEAD (7mm x 8mm) PLASTIC QFN TJMAX = 150C, JA = 28C/W EXPOSED PAD (PIN 53) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LTC2175CUKG-14#PBF LTC2175IUKG-14#PBF LTC2174CUKG-14#PBF LTC2174IUKG-14#PBF LTC2173CUKG-14#PBF LTC2173IUKG-14#PBF TAPE AND REEL LTC2175CUKG-14#TRPBF LTC2175IUKG-14#TRPBF LTC2174CUKG-14#TRPBF LTC2174IUKG-14#TRPBF LTC2173CUKG-14#TRPBF LTC2173IUKG-14#TRPBF PART MARKING* LTC2175UKG-14 LTC2175UKG-14 LTC2174UKG-14 LTC2174UKG-14 LTC2173UKG-14 LTC2173UKG-14 PACKAGE DESCRIPTION 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN 52-Lead (7mm x 8mm) Plastic QFN TEMPERATURE RANGE 0C to 70C -40C to 85C 0C to 70C -40C to 85C 0C to 70C -40C to 85C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VDD
21754314p
2
LTC2175-14/ LTC2174-14/LTC2173-14 CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25C. (Note 5)
LTC2175-14 PARAMETER Resolution (No Missing Codes) Integral Linearity Error Differential Linearity Error Offset Error Gain Error Offset Drift Full-Scale Drift Gain Matching Offset Matching Transition Noise External Reference Internal Reference External Reference External Reference Differential Analog Input (Note 7) Internal Reference External Reference CONDITIONS
l l l l
LTC2174-14 MIN 14 -3.75 -0.9 -15 -1.5 TYP 1 0.3 3 1.5 0.4 20 35 25 0.2 3 1.2 MAX 3.75 0.9 15 1.5 14
LTC2173-14 MIN -3.5 -0.9 -15 -1.5 TYP 1 0.3 3 1.5 0.4 20 35 25 0.2 3 1.2 MAX 3.5 0.9 15 1.5 UNITS Bits LSB LSB mV %FS %FS V/C ppm/C ppm/C %FS mV LSBRMS
MIN 14
TYP 1 0.3 3 1.5 0.4 20 35 25 0.2 3 1.2
MAX 3.75 0.9 15 1.5
Differential Analog Input (Note 6) l -3.75 -0.9 -15 -1.5
ANALOG INPUT
SYMBOL PARAMETER VIN VIN(CM) VSENSE IINCM
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS 1.7V < VDD < 1.9V Differential Analog Input (Note 8) Per Pin, 125Msps Per Pin, 105Msps Per Pin, 80Msps 0 < AIN+, AIN- < VDD, 0 < PAR/SER < VDD 0.625 < SENSE < 1.3V
l l l l l l
MIN VCM - 100mV 0.625
TYP 1 to 2 VCM 1.250 155 130 100
MAX VCM + 100mV 1.300
UNITS VP-P V V A A A
Analog Input Range (AIN+ - AIN-) Analog Input Common Mode (AIN+ + AIN-)/2 Analog Input Common Mode Current
External Voltage Reference Applied to SENSE External Reference Mode
IIN1 IIN2 IIN3 tAP tJITTER CMRR BW-3B
Analog Input Leakage Current No Encode PAR/SER Input Leakage Current SENSE Input Leakage Current Sample-and-Hold Acquisition Delay Time Sample-and-Hold Acquisition Delay Jitter Analog Input Common Mode Rejection Ratio Full-Power Bandwidth
-1 -3 -6 0 0.15 80
1 3 6
A A A ns psRMS dB MHz
Figure 6 Test Circuit
800
21754314p
3
LTC2175-14/ LTC2174-14/LTC2173-14
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. AIN = -1dBFS. (Note 5)
LTC2175-14 SYMBOL SNR PARAMETER Signal-to-Noise Ratio CONDITIONS 5MHz Input 70MHz Input 140MHz Input
l
DYNAMIC ACCURACY
LTC2174-14 MIN 71.3 TYP 73.4 73.2 72.7 88 85 82 90 90 90 73 72.6 72 -90 -105 MAX
LTC2173-14 MIN 70.9 TYP 73.1 72.9 72.4 88 85 82 90 90 90 72.9 72.6 72 -90 -105 MAX UNITS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBFS dBc dBc
MIN 71.3
TYP 73.4 73.2 72.7 88 85 82 90 90 90 73 72.6 72 -90 -105
MAX
SFDR
Spurious Free Dynamic Range 5MHz Input 2nd or 3rd Harmonic 70MHz Input 140MHz Input Spurious Free Dynamic Range 5MHz Input 4th Harmonic or Higher 70MHz Input 140MHz Input
l
76
76
79
l
85
83
85
S/(N+D)
Signal-to-Noise Plus Distortion Ratio Crosstalk, Near Channel Crosstalk, Far Channel
5MHz Input 70MHz Input 140MHz Input 10MHz Input (Note 12) 10MHz Input (Note 12)
l
70.2
70.2
70.4
INTERNAL REFERENCE CHARACTERISTICS
PARAMETER VCM Output Voltage VCM Output Temperature Drift VCM Output Resistance VREF Output Voltage VREF Output Temperature Drift VREF Output Resistance VREF Line Regulation -400A < IOUT < 1mA 1.7V < VDD < 1.9V -600A < IOUT < 1mA IOUT = 0 CONDITIONS IOUT = 0
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. AIN = -1dBFS. (Note 5)
MIN 0.5 * VDD - 25mV TYP 0.5 * VDD 25 4 1.225 1.250 25 7 0.6 1.275 MAX 0.5 * VDD + 25mV UNITS V ppm/C V ppm/C mV/V
21754314p
4
LTC2175-14/ LTC2174-14/LTC2173-14 DIGITAL INPUTS AND OUTPUTS
SYMBOL PARAMETER ENCODE INPUTS (ENC+, ENC- ) Differential Encode Mode (ENC- Not Tied to GND) VID VICM VIN RIN CIN VIH VIL VIN RIN CIN VIH VIL IIN CIN ROL IOH COUT VOD VOS RTERM Differential Input Voltage Common Mode Input Voltage Input Voltage Range Input Resistance Input Capacitance High Level Input Voltage Low Level Input Voltage Input Voltage Range Input Resistance Input Capacitance High Level Input Voltage Low Level Input Voltage Input Current Input Capacitance Logic Low Output Resistance to GND Logic High Output Leakage Current Output Capacitance Differential Output Voltage Common Mode Output Voltage On-Chip Termination Resistance 100 Differential Load, 3.5mA Mode 100 Differential Load, 1.75mA Mode 100 Differential Load, 3.5mA Mode 100 Differential Load, 1.75mA Mode Termination Enabled, OVDD = 1.8V
l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS MIN TYP MAX UNITS
(Note 8) Internally Set Externally Set (Note 8) ENC+, ENC- to GND (See Figure 10)
l l l
0.2 1.2 1.1 0.2 10 3.5 1.6 3.6
V V V V k pF V 0.6 V V k pF V 0.6 V A pF 10 3 A pF 454 250 1.375 1.375 mV mV V V 10 3 3.6 30 3.5
Single-Ended Encode Mode (ENC- Tied to GND) VDD = 1.8V VDD = 1.8V ENC+ to GND (See Figure 11)
l l l
1.2 0
DIGITAL INPUTS (CS, SDI, SCK in Serial or Parallel Programming Mode. SDO in Parallel Programming Mode) VDD = 1.8V VDD = 1.8V VIN = 0V to 3.6V
l l l
1.3 -10
SDO OUTPUT (Serial Programming Mode. Open-Drain Output. Requires 2k Pull-Up Resistor if SDO is Used) VDD = 1.8V, SDO = 0V SDO = 0V to 3.6V
l
200 -10
DIGITAL DATA OUTPUTS 247 125 1.125 1.125 350 175 1.250 1.250 100
21754314p
5
LTC2175-14/ LTC2174-14/LTC2173-14 POWER REQUIREMENTS
SYMBOL PARAMETER VDD OVDD IVDD IOVDD PDISS PSLEEP PNAP PDIFFCLK Analog Supply Voltage Output Supply Voltage Analog Supply Current Digital Supply Current Power Dissipation Sleep Mode Power Nap Mode Power Power Increase With Differential Encode Mode Enabled (No Increase for Sleep Mode) CONDITIONS (Note 10) (Note 10) Sine Wave Input 2-Lane Mode, 1.75mA Mode 2-Lane Mode, 3.5mA Mode 2-Lane Mode, 1.75mA Mode 2-Lane Mode, 3.5mA Mode
l l l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 9)
LTC2175-14 MIN 1.7 1.7 TYP 1.8 1.8 283 27 49 558 598 1 85 20 MAX 1.9 1.9 TBD TBD TBD TBD TBD MIN 1.7 1.7 LTC2174-14 TYP 1.8 1.8 224 26 48 450 490 1 85 20 MAX 1.9 1.9 TBD TBD TBD TBD TBD 1.7 1.7 LTC2173-14 MIN TYP 1.8 1.8 184 25 47 376 416 1 85 20 MAX UNITS 1.9 1.9 TBD TBD TBD TBD TBD V V mA mA mA mW mW mW mW mW
TIMING CHARACTERISTICS
SYMBOL fS tENCL tENCH tAP PARAMETER Sampling Frequency ENC Low Time (Note 8) ENC High Time (Note 8) Sample-and-Hold Acquisition Delay Time PARAMETER Serial Data Bit Period CONDITIONS (Notes 10,11)
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
LTC2175-14 MIN
l l l l l
LTC2174-14 MIN 5 4.52 2 4.52 2 4.76 4.76 4.76 4.76 0 TYP MAX 105 100 100 100 100 125 5
LTC2173-14 MIN 5.93 2 5.93 2 TYP 6.25 6.25 6.25 6.25 0 MAX 80 100 100 100 100 UNITS MHz ns ns ns ns ns
TYP 4 4 4 4 0
MAX 100 100 100 100
5 3.8 2 3.8 2
Duty Cycle Stabilizer Off Duty Cycle Stabilizer On Duty Cycle Stabilizer Off Duty Cycle Stabilizer On
SYMBOL tSER
CONDITIONS 2-Lanes, 16-Bit Serialization 2-Lanes, 14-Bit Serialization 2-Lanes, 12-Bit Serialization 1-Lane, 16-Bit Serialization 1-Lane, 14-Bit Serialization 1-Lane, 12-Bit Serialization (Note 8) (Note 8) (Note 8) Data, DCO, FR, 20% to 80% Data, DCO, FR, 20% to 80% tSER = 1ns
l l l
MIN
TYP 1/(8 * fS) 1/(7 * fS) 1/(6 * fS) 1/(16 * fS) 1/(14 * fS) 1/(12 * fS)
MAX
UNITS s s s s s s
Digital Data Outputs (RTERM = 100 Differential, CL = 2pF to GND on Each Output)
tFRAME tDATA tPD tR tF
FR to DCO Delay DATA to DCO Delay Propagation Delay Output Rise Time Output Fall Time DCO Cycle-Cycle Jitter Pipeline Latency
0.35 * tSER 0.35 * tSER
0.5 * tSER 0.5 * tSER 0.17 0.17 60 6
0.65 * tSER 0.65 * tSER
s s s ns ns psP-P Cycles
0.7n + 2 * tSER 1.1n + 2 * tSER 1.5n + 2 * tSER
21754314p
6
LTC2175-14/ LTC2174-14/LTC2173-14 TIMING CHARACTERISTICS
SYMBOL tSCK PARAMETER SCK Period SPI Port Timing (Note 8) Write Mode Readback Mode, CSDO = 20pF RPULLUP , = 2k
l l l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 5)
CONDITIONS MIN 40 250 5 5 5 5 125 TYP MAX UNITS ns ns ns ns ns ns ns
tS tH tDS tDH tDO
CS to SCK Setup Time SCK to CS Setup Time SDI Setup Time SDI Hold Time SCK Falling to SDO Valid Readback Mode, CSDO = 20pF RPULLUP , = 2k
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: All voltage values are with respect to GND with GND and OGND shorted (unless otherwise noted). Note 3: When these pin voltages are taken below GND or above VDD, they will be clamped by internal diodes. This product can handle input currents of greater than 100mA below GND or above VDD without latchup. Note 4: When these pin voltages are taken below GND they will be clamped by internal diodes. When these pin voltages are taken above VDD they will not be clamped by internal diodes. This product can handle input currents of greater than 100mA below GND without latchup. Note 5: VDD = OVDD = 1.8V, fSAMPLE = 125MHz (LTC2175), 105MHz (LTC2174), or 80MHz (LTC2173), 2-lane output mode, differential ENC+/ ENC- = 2VP-P sine wave, input range = 2VP-P with differential drive, unless otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a best fit straight line to the transfer curve. The deviation is measured from the center of the quantization band. Note 7: Offset error is the offset voltage measured from -0.5 LSB when the output code flickers between 00 0000 0000 0000 and 11 1111 1111 1111 in 2's complement output mode. Note 8: Guaranteed by design, not subject to test. Note 9: VDD = OVDD = 1.8V, fSAMPLE = 125MHz (LTC2175), 105MHz (LTC2174), or 80MHz (LTC2173), 2-lane output mode, ENC+ = singleended 1.8V square wave, ENC- = 0V, input range = 2VP-P with differential drive, unless otherwise noted. Note 10: Recommended operating conditions. Note 11: The maximum sampling frequency depends on the speed grade of the part and also which serialization mode is used. The maximum serial data rate is 1000Mbps so tSER must be greater than or equal to 1ns. Note 12: Near-channel crosstalk refers to Ch. 1 to Ch.2, and Ch.3 to Ch.4. Far-channel crosstalk refers to Ch.1 to Ch.3, Ch.1 to Ch.4, Ch.2 to Ch.3, and Ch.2 to Ch.4.
21754314p
7
LTC2175-14/ LTC2174-14/LTC2173-14 TIMING DIAGRAMS
2-Lane Output Mode, 16-Bit Serialization*
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ OUT#B- OUT#B+ tPD D5 D3 D1 0 D13 D11 D9 D7 D5 tSER D3 D1 0 D13 D11 D9 tFRAME tDATA tSER tSER N tENCH tENCL N+1
D4
D2
D0
0
D12 D10 D8 SAMPLE N-5
D6
D4
D2
D0
0
D12 D10 D8 SAMPLE N-4
217514 TD01
SAMPLE N-6
*SEE THE DIGITAL OUTPUTS SECTION
2-Lane Output Mode, 14-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ OUT#B- OUT#B+ tPD D7 D5 D3 D1 D13 D11 D9 D7 D5 tSER D3 D1 D13 D11 D9 D7 D5 D3 D1 D13 D11 D9 tFRAME tDATA tSER tSER N tENCH tENCL N+1 N+2
D6
D4
D2
D0 D12 D10 D8 SAMPLE N-5
D6
D4
D2
D0 D12 D10 D8 SAMPLE N-4
D6
D4
D2
D0 D12 D10 D8 SAMPLE N-3
217514 TD02
SAMPLE N-6
NOTE THAT IN THIS MODE FR+/FR- HAS TWO TIMES THE PERIOD OF ENC+/ENC-
21754314p
8
LTC2175-14/ LTC2174-14/LTC2173-14 TIMING DIAGRAMS
2-Lane Output Mode, 12-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR+ FR- OUT#A- OUT#A+ OUT#B- OUT#B+ tPD D9 D7 D5 D3 D13 D11 D9 tSER D7 D5 D3 D13 D11 D9 tFRAME tDATA tSER tSER N tENCH tENCL N+1
D8
D6
D4
D2 D12 D10 D8 SAMPLE N-5
D6
D4
D2 D12 D10 D8 SAMPLE N-4
217514 TD03
SAMPLE N-6
1-Lane Output Mode, 16-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ tPD D1 D0 0 0 D13 D12 D11 D10 D9 SAMPLE N-5 D8 D7 D6 D5 tSER D4 D3 D2 D1 D0 0 0 D13 D12 D11 D10 SAMPLE N-4
217514 TD05
N tENCH tENCL
N+1
tSER tFRAME tDATA tSER
SAMPLE N-6
OUT#B+, OUT#B- ARE DISABLED
21754314p
9
LTC2175-14/ LTC2174-14/LTC2173-14 TIMING DIAGRAMS
One-Lane Output Mode, 14-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ tPD D3 D2 D1 D0 D13 D12 D11 D10 D9 SAMPLE N-5 D8 D7 D6 D5 tSER D4 D3 D2 D1 D0 D13 D12 D11 D10 SAMPLE N-4
217514 TD06
N tENCH tENCL
N+1
tSER tFRAME tDATA tSER
SAMPLE N-6
OUT#B+, OUT#B- ARE DISABLED
One-Lane Output Mode, 12-Bit Serialization
tAP ANALOG INPUT ENC- ENC+ DCO- DCO+ FR- FR+ OUT#A- OUT#A+ tPD D5 D4 D3 D2 D13 D12 D11 D10 D9 SAMPLE N-5 D8 D7 D6 D5 tSER D4 D3 D2 D13 D12 D11 SAMPLE N-4
217514 TD07
N tENCH tENCL
N+1
tSER tFRAME tDATA tSER
SAMPLE N-6
OUT#B+, OUT#B- ARE DISABLED
SPI Port Timing (Readback Mode)
tS CS SCK tDO SDI SDO HIGH IMPEDANCE R/W A6 A5 A4 A3 A2 A1 A0 XX D7 XX D6 XX D5 XX D4 XX D3 XX D2 XX D1 XX D0 tDS tDH tSCK tH
SPI Port Timing (Write Mode)
CS SCK
SDI SDO
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
HIGH IMPEDANCE
217514 TD04
21754314p
10
LTC2175-14/ LTC2174-14/LTC2173-14 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2175-14: Integral Nonlinearity (INL)
2.0 1.5 1.0 DNL ERROR (LSB) INL ERROR (LSB) 0.5 0 -0.5 -1.0 -1.5 -2.0 0 4096 8192 12288 OUTPUT CODE 16384
217514 G01
LTC2175-14: Differential Nonlinearity (DNL)
1.0 0.8 0.6 AMPLITUDE (dBFS) 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 4096 8192 12288 OUTPUT CODE 16384
217514 G02
LTC2175-14: 8k Point FFT, fIN = 5MHz -1dBFS, 125Msps
0 -10 -20 -30 -40 -50 -60 -70 -80
-90 -100 -110 -120 0 10 20 30 40 FREQUENCY (MHz) 50 60
217514 G03
LTC2175-14: 8k Point FFT, fIN = 30MHz -1dBFS, 125Msps
0 -10 -20 -30 AMPLITUDE (dBFS) AMPLITUDE (dBFS) -40 -50 -60 -70 -80 0 -10 -20 -30 -40 -50 -60 -70 -80
LTC2175-14: 8k Point FFT, fIN = 70MHz -1dBFS, 125Msps
0 -10 -20 -30 AMPLITUDE (dBFS) 0 20 30 40 FREQUENCY (MHz) 50 60
217514 G05
LTC2175-14: 8k Point FFT, fIN = 140MHz -1dBFS, 125Msps
-40 -50 -60 -70 -80
-90 -100 -110 -120 0 10 20 30 40 FREQUENCY (MHz) 50 60
217514 G04
-90 -100 -110 -120 10
-90 -100 -110 -120 0 10 20 30 40 FREQUENCY (MHz) 50 60
217514 G06
LTC2175-14: 8k Point 2-Tone FFT, fIN = 70MHz, 75MHz, -1dBFS, 125Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80 4000 5000 6000
LTC2175-14: Shorted Input Histogram
74 73 72 SNR (dBFS) 71 70 69 68 1000 0 8178 67 8180 8182 8184 OUTPUT CODE 8186
217514 G08
LTC2175-14: SNR vs Input Frequency, -1dB, 2V Range, 125Msps
-90 -100 -110 -120 0 10 20 30 40 FREQUENCY (MHz) 50 60
217514 G07
COUNT
3000 2000
66
0
50
100 150 200 250 300 INPUT FREQUENCY (MHz)
350
217514 G09
21754314p
11
LTC2175-14/ LTC2174-14/LTC2173-14 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2175-14: SFDR vs Input Frequency, -1dB, 2V Range, 125Msps
95 90 SFDR (dBc AND dBFS) 85 80 75 70 65 110 100 90 SNR (dBc AND dBFS) 80 70 60 50 40 30 20 10 0 50 100 150 200 250 300 INPUT FREQUENCY (MHz) 350 0 -80 -70 -60 -50 -40 -30 -20 -10 INPUT LEVEL (dBFS) 0 10 0 -60 -50 -40 -30 -20 INPUT LEVEL (dBFS) -10 0 dBc 60 dBc 50 40 30 20 dBFS 70
LTC2175-14: SFDR vs Input Level, fIN = 70MHz, 2V Range, 125Msps
80
LTC2175-14: SNR vs Input Level, fIN = 70MHz, 2V Range, 125Msps
dBFS
SFDR (dBFS)
217514 G10
217514 G11
217514 G50
LTC2175-14: IVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
290 280 40 270 IOVDD (mA) IVDD (mA) 30 50
IOVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
74 2-LANE, 3.5mA 73 72 SNR (dBFS) 125
217514 G51
LTC2175-14: SNR vs SENSE, fIN = 5MHz, -1dB
260 250 240 230 220 210
1-LANE, 3.5mA 2-LANE, 1.75mA
71 70 69 68 67
20 1-LANE, 1.75mA
10
0 0 25 50 75 100 SAMPLE RATE (Msps) 125
217514 G53
0
25
50 75 100 SAMPLE RATE (Msps)
66
0.6
0.7
0.8
0.9 1 1.1 SENSE PIN (V)
1.2
1.3
217514 G12
LTC2174-14: Integral Nonlinearity (INL)
2.0 1.5 1.0 DNL ERROR (LSB) INL ERROR (LSB) 0.5 0 -0.5 -1.0 -1.5 -2.0 0 4096 8192 12288 OUTPUT CODE 16384
217514 G14
LTC2174-14: Differential Nonlinearity (DNL)
1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 4096 8192 12288 OUTPUT CODE 16384
217514 G15
LTC2174-14: 8k Point FFT, fIN = 5MHz -1dBFS, 105Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80
-90 -100 -110 -120 0 10 20 30 40 FREQUENCY (MHz) 50
217514 G16
21754314p
12
LTC2175-14/ LTC2174-14/LTC2173-14 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2174-14: 8k Point FFT, fIN = 30MHz -1dBFS, 105Msps
0 -10 -20 -30 AMPLITUDE (dBFS) AMPLITUDE (dBFS) -40 -50 -60 -70 -80 0 -10 -20 -30 -40 -50 -60 -70 -80 AMPLITUDE (dBFS) 20 30 40 FREQUENCY (MHz) 50
217514 G18
LTC2174-14: 8k Point FFT, fIN = 70MHz -1dBFS, 105Msps
0 -10 -20 -30 -40 -50 -60 -70 -80
LTC2174-14: 8k Point FFT, fIN = 140MHz -1dBFS, 105Msps
-90 -100 -110 -120 0 10 20 30 40 FREQUENCY (MHz) 50
217517 G24
-90 -100 -110 -120 0 10
-90 -100 -110 -120 0 10 20 30 40 FREQUENCY (MHz) 50
217514 G19
LTC2174-14: 8k Point 2-Tone FFT, fIN = 70MHz, 75MHz, -1dBFS, 105Msps
0 -10 -20 -30 AMPLITUDE (dBFS) -40 -50 -60 -70 -80 2000 1000 4000 5000 6000
LTC2174-14: Shorted Input Histogram
74 73 72 SNR (dBFS) 71 70 69 68 67 8197 8199 8201 OUTPUT CODE 8203
217514 G21
LTC2174-14: SNR vs Input Frequency, -1dB, 2V Range, 105Msps
-90 -100 -110 -120 0 10 20 30 40 FREQUENCY (MHz) 50
226114 G20
COUNT
3000
0 8195
66
0
50
100 150 200 250 300 INPUT FREQUENCY (MHz)
350
217514 G22
LTC2174-14: SFDR vs Input Frequency, -1dB, 2V Range, 105Msps
95 90 SFDR (dBc AND dBFS) 85 80 75 70 65 110 100 90 80 70 60 50 40 30 20 10 0 50 100 150 200 250 300 INPUT FREQUENCY (MHz) 350
LTC2174-14: SFDR vs Input Level, fIN = 70MHz, 2V Range, 105Msps
230 dBFS 220 210 IVDD (mA) 0 dBc 200 190 180 170 160
LTC2174-14: IVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
SFDR (dBFS)
0 -80 -70 -60 -50 -40 -30 -20 -10 INPUT LEVEL (dBFS)
0
25
50 75 SAMPLE RATE (Msps)
100
217514 G54
217514 G23
217514 G24
21754314p
13
LTC2175-14/ LTC2174-14/LTC2173-14 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2174-14: SNR vs SENSE, fIN = 5MHz, -1dB
74 73 72 INL ERROR (LSB) SNR (dBFS) 71 70 69 68 67 66 0.6 0.7 0.8 0.9 1 1.1 SENSE PIN (V) 1.2 1.3 2.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 0 4096 8192 12288 OUTPUT CODE 16384
217514 G26
LTC2173-14: Integral Nonlinearity (INL)
1.0 0.8 0.6 DNL ERROR (LSB) 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0
LTC2173-14: Differential Nonlinearity (DNL)
0
4096
8192 12288 OUTPUT CODE
16384
217514 G27
217514 G25
LTC2173-14: 8k Point FFT, fIN = 5MHz -1dBFS, 80Msps
0 -10 -20 -30 AMPLITUDE (dBFS) AMPLITUDE (dBFS) -40 -50 -60 -70 -80 0 -10 -20 -30 -40 -50 -60 -70 -80
LTC2173-14: 8k Point FFT, fIN = 30MHz -1dBFS, 80Msps
0 -10 -20 -30 AMPLITUDE (dBFS) 20 30 FREQUENCY (MHz) 40
217514 G29
LTC2173-14: 8k Point FFT, fIN = 70MHz -1dBFS, 80Msps
-40 -50 -60 -70 -80
-90 -100 -110 -120 0 10 20 30 FREQUENCY (MHz) 40
217514 G28
-90 -100 -110 -120 0 10
-90 -100 -110 -120 0 10 20 30 FREQUENCY (MHz) 40
217514 G30
LTC2173-14: 8k Point FFT, fIN = 140MHz -1dBFS, 80Msps
0 -10 -20 -30 AMPLITUDE (dBFS) AMPLITUDE (dBFS) -40 -50 -60 -70 -80 0 -10 -20 -30 -40 -50 -60 -70 -80
LTC2173-14: 8k Point 2-Tone FFT, fIN = 70MHz, 75MHz, -1dBFS, 80Msps
6000 5000 4000 COUNT 0 10 20 30 FREQUENCY (MHz) 40
217514 G32
LTC2173-14: Shorted Input Histogram
3000 2000 1000 0 8184
-90 -100 -110 -120 0 10 20 30 FREQUENCY (MHz) 40
217514 G31
-90 -100 -110 -120
8186
8188 8190 OUTPUT CODE
8192
217514 G33
21754314p
14
LTC2175-14/ LTC2174-14/LTC2173-14 TYPICAL PERFORMANCE CHARACTERISTICS
LTC2173-14: SNR vs Input Frequency, -1dB, 2V Range, 80Msps
74 73 72 SFDR (dBFS) SNR (dBFS) 71 70 69 68 67 66 0 50 100 150 200 250 300 INPUT FREQUENCY (MHz) 350 70 65 85 80 75 95 90 SFDR (dBc AND dBFS)
LTC2173-14: SFDR vs Input Frequency, -1dB, 2V Range, 80Msps
110 100 90 80 70 60 50 40 30 20 10 0 50 100 150 200 250 300 INPUT FREQUENCY (MHz) 350
LTC2173-14: SFDR vs Input Level, fIN = 70MHz, 2V Range, 80Msps
dBFS
dBc
0 -80 -70 -60 -50 -40 -30 -20 -10 INPUT LEVEL (dBFS)
0
217514 G34
217514 G35
217514 G36
LTC2173-14: IVDD vs Sample Rate, 5MHz Sine Wave Input, -1dB
190 74 73 72 IVDD (mA) 170 SNR (dBFS) 71 70 69 68 67 140 0 20 40 60 SAMPLE RATE (Msps) 80
217514 G55
LTC2173-14: SNR vs SENSE, fIN = 5MHz, -1dB
350 300 PEAK-TO-PEAK JITTER (ps) 250 200 150 100 50 0
DCO Cycle-Cycle Jitter vs Serial Data Rate
180
160
150
66
0.6
0.7
0.8
0.9 1 1.1 SENSE PIN (V)
1.2
1.3
0
200 400 600 800 SERIAL DATA RATE (Mbps)
1000
217514 G52
217514 G37
21754314p
15
LTC2175-14/ LTC2174-14/LTC2173-14 PIN FUNCTIONS
AIN1+ (Pin 1): Channel 1 Positive Differential Analog Input. AIN1- (Pin 2): Channel 1 Negative Differential Analog Input. VCM12 (Pin 3): Common Mode Bias Output, Nominally Equal to VDD/2. VCM should be used to bias the common mode of the analog inputs of channels 1 and 2. Bypass to ground with a 0.1F ceramic capacitor. AIN2+ (Pin 4): Channel 2 Positive Differential Analog Input. AIN2- (Pin 5): Channel 2 Negative Differential Analog Input. REFH (Pins 6,7): ADC High Reference. Bypass to pins 8, 9 with a 2.2F ceramic capacitor and to ground with a 0.1F ceramic capacitor. REFL (Pins 8,9): ADC Low Reference. Bypass to pins 6, 7 with a 2.2F ceramic capacitor and to ground with a 0.1F ceramic capacitor. AIN3+ (Pin 10): Channel 3 Positive Differential Analog Input. AIN3 - (Pin 11): Channel 3 Negative Differential Analog Input. VCM34 (Pin 12): Common Mode Bias Output, Nominally Equal to VDD/2. VCM should be used to bias the common mode of the analog inputs of channels 3 and 4. Bypass to ground with a 0.1F ceramic capacitor. AIN4 + (Pin 13): Channel 4 Positive Differential Analog Input. AIN4 - (Pin 14): Channel 4 Negative Differential Analog Input. VDD (Pins 15, 16, 51, 52): 1.8V Analog Power Supply. Bypass to ground with 0.1F ceramic capacitors. Adjacent pins can share a bypass capacitor. ENC+ (Pin 17): Encode Input. Conversion starts on the rising edge. ENC - (Pin 18): Encode Complement Input. Conversion starts on the falling edge. CS (Pin 19): In serial programming mode, (PAR/SER = 0V), CS is the serial interface chip select input. When CS is low, SCK is enabled for shifting data on SDI into the mode control registers. In the parallel programming mode (PAR/SER = VDD), CS selects 2-lane or 1-lane output mode. CS can be driven with 1.8V to 3.3V logic. SCK (Pin 20): In serial programming mode, (PAR/SER = 0V), SCK is the serial interface clock input. In the parallel programming mode (PAR/SER = VDD), SCK selects 3.5mA or 1.75mA LVDS output currents. SCK can be driven with 1.8V to 3.3V logic. SDI (Pin 21): In serial programming mode, (PAR/SER = 0V), SDI is the serial interface data Input. Data on SDI is clocked into the mode control registers on the rising edge of SCK. In the parallel programming mode (PAR/SER = VDD), SDI can be used to power down the part. SDI can be driven with 1.8V to 3.3V logic. GND (Pins 22, 45, 49): ADC Power Ground. OGND (Pin 33): Output Driver Ground. OVDD (Pin 34): Output Driver Supply. Bypass to ground with a 0.1F ceramic capacitor. SDO (Pin 46): In serial programming mode, (PAR/SER = 0V), SDO is the optional serial interface data output. Data on SDO is read back from the mode control registers and can be latched on the falling edge of SCK. SDO is an open-drain NMOS output that requires an external 2k pull-up resistor to 1.8V - 3.3V. If read back from the mode control registers is not needed, the pull-up resistor is not necessary and SDO can be left unconnected. In the parallel programming mode (PAR/SER = VDD), SDO is an input that enables internal 100 termination resistors on the digital outputs. When used as an input, SDO can be driven with 1.8V to 3.3V logic through a 1k series resistor. PAR/SER (Pin 47): Programming Mode Selection Pin. Connect to ground to enable the serial programming mode. CS, SCK, SDI, SDO become a serial interface that control the A/D operating modes. Connect to VDD to enable the parallel programming mode where CS, SCK, SDI, SDO become parallel logic inputs that control a reduced set of the A/D operating modes. PAR/SER should be connected directly to ground or the VDD of the part and not be driven by a logic signal.
21754314p
16
LTC2175-14/ LTC2174-14/LTC2173-14 PIN FUNCTIONS
VREF (Pin 48): Reference Voltage Output. Bypass to ground with a 1F ceramic capacitor, nominally 1.25V. SENSE (Pin 50): Reference Programming Pin. Connecting SENSE to VDD selects the internal reference and a 1V input range. Connecting SENSE to ground selects the internal reference and a 0.5V input range. An external reference between 0.625V and 1.3V applied to SENSE selects an input range of 0.8 * VSENSE. Exposed Pad (Pin 53): Ground. The Exposed Pad must be soldered to the PCB ground. LVDS Outputs All pins in this section are differential LVDS outputs. The output current level is programmable. There is an optional internal 100 termination resistor between the pins of each LVDS output pair. OUT4B -/OUT4B+, OUT4A-/OUT4A+ (Pins 23/24, 25/26): Serial data outputs for Channel 4. In 1-lane output mode only OUT4A-/OUT4A+ are used. OUT3B -/OUT3B+, OUT3A-/OUT3A+ (Pins 27/28, 29/30): Serial data outputs for Channel 3. In 1-lane output mode only OUT3A-/OUT3A+ are used. FR-/FR+ (Pins 31/32): Frame Start Outputs. DCO -/DCO+ (Pins 35/36): Data Clock Outputs. OUT2B -/OUT2B+, OUT2A-/OUT2A+ (Pins 37/38, 39/40): Serial data outputs for Channel 2. In 1-lane output mode only OUT2A-/OUT2A+ are used. OUT1B -/OUT1B+, OUT1A-/OUT1A+ (Pins 41/42, 43/44): Serial data outputs for Channel 1. In 1-lane output mode only OUT1A-/OUT1A+ are used.
21754314p
17
LTC2175-14/ LTC2174-14/LTC2173-14 FUNCTIONAL BLOCK DIAGRAM
1.8V VDD ENC+ ENC- 1.8V OVDD
CH 1 ANALOG INPUT
OUT1A S/H 14-BIT ADC CORE PLL OUT1B OUT2A
CH 2 ANALOG INPUT
S/H
14-BIT ADC CORE
DATA SERIALIZER
OUT2B OUT3A OUT3B
CH 3 ANALOG INPUT
S/H
14-BIT ADC CORE
OUT4A OUT4B DATA CLOCK OUT
CH 4 ANALOG INPUT
S/H
14-BIT ADC CORE
FRAME
VREF 1F
1.25V REFERENCE RANGE SELECT
OGND
SENSE
REF BUF
REFH
REFL
DIFF REF AMP
VDD/2 MODE CONTROL REGISTERS
GND
REFH
0.1F
REFL
VCM12 0.1F
VCM34 0.1F PAR/SER CS SCK SDI SDO
217514 F01
2.2F 0.1F 0.1F
Figure 1. Functional Block Diagram
21754314p
18
LTC2175-14/ LTC2174-14/LTC2173-14 APPLICATIONS INFORMATION
CONVERTER OPERATION The LTC2175-14/LTC2174-14/LTC2173-14 are low power, 4-channel, 14-bit, 125Msps/105Msps/80Msps A/D converters that are powered by a single 1.8V supply. The analog inputs should be driven differentially. The encode input can be driven differentially for optimal jitter performance, or single ended for lower power consumption. The digital outputs are serial LVDS to minimize the number of data lines. Each channel outputs two bits at a time (2-lane mode). At lower sampling rates there is a one bit per channel option (1-lane mode). Many additional features can be chosen by programming the mode control registers through a serial SPI port. ANALOG INPUT The analog inputs are differential CMOS sample-and-hold circuits (Figure 2). The inputs should be driven differentially around a common mode voltage set by the VCM12 or VCM34 output pins, which are nominally VDD/2. For the
LTC2175-14 VDD 10 CPARASITIC 1.8pF RON 25 CPARASITIC 1.8pF VDD CSAMPLE 3.5pF RON 25
2V input range, the inputs should swing from VCM - 0.5V to VCM + 0.5V. There should be 180 phase difference between the inputs. The four channels are simultaneously sampled by a shared encode circuit (Figure 2). INPUT DRIVE CIRCUITS Input Filtering If possible, there should be an RC low pass filter right at the analog inputs. This lowpass filter isolates the drive circuitry from the A/D sample-and-hold switching, and also limits wideband noise from the drive circuitry. Figure 3 shows an example of an input RC filter. The RC component values should be chosen based on the application's input frequency. Transformer Coupled Circuits Figure 3 shows the analog input being driven by an RF transformer with a center-tapped secondary. The center
50
CSAMPLE 3.5pF 0.1F ANALOG INPUT T1 1:1 25 25
VCM 0.1F
AIN+
VDD 10
25 0.1F
AIN+ LTC2175-14 12pF
AIN-
25
AIN-
217514 F03
T1: MA/COM MABAES0060 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
1.2V 10k ENC+ ENC- 10k 1.2V
217514 F02
Figure 3. Analog Input Circuit Using a Transformer. Recommended for Input Frequencies from 5MHz to 70MHz.
Figure 2. Equivalent Input Circuit. Only One of the Four Analog Channels is Shown.
21754314p
19
LTC2175-14/ LTC2174-14/LTC2173-14 APPLICATIONS INFORMATION
tap is biased with VCM, setting the A/D input at its optimal DC level. At higher input frequencies a transmission line balun transformer (Figures 4 to 6) has better balance, resulting in lower A/D distortion. Amplifier Circuits Figure 7 shows the analog input being driven by a high speed differential amplifier. The output of the amplifier is AC-coupled to the A/D so the amplifier's output common mode voltage can be optimally set to minimize distortion. Reference The LTC2175-14/LTC2174-14/LTC2173-14 has an internal 1.25V voltage reference. For a 2V input range using the internal reference, connect SENSE to VDD. For a 1V input range using the internal reference, connect SENSE to At very high frequencies an RF gain block will often have lower distortion than a differential amplifier. If the gain block is single-ended, then a transformer circuit (Figures 4 to 6) should convert the signal to differential before driving the A/D.
50
VCM 0.1F 0.1F
50
VCM 0.1F
0.1F ANALOG INPUT T2 T1 25 25 0.1F
AIN+ LTC2175-14 4.7pF
ANALOG INPUT 25 T1 0.1F 25
2.7nH 0.1F
AIN+ LTC2175-14
0.1F
AIN-
217514 F04
2.7nH
AIN-
217514 F06
T1: MA/COM MABA-007159-000000 T2: MA/COM MABAES0060 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
T1: MA/COM ETC1-1-13 RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
Figure 4. Recommended Front End Circuit for Input Frequencies from 70MHz to 170MHz
Figure 6. Recommended Front End Circuit for Input Frequencies Above 300MHz
50
VCM VCM 0.1F HIGH SPEED DIFFERENTIAL 0.1F AMPLIFIER LTC2175-14 1.8pF ANALOG INPUT 200 200 25 0.1F AIN+ LTC2175-14
0.1F ANALOG INPUT T2 T1 25 25 0.1F
AIN+
+ -
+
12pF
-
0.1F
0.1F
25
AIN-
217514 F05
AIN-
217514 F07
T1: MA/COM MABA-007159-000000 T2: COILCRAFT WBC1-1LB RESISTORS, CAPACITORS ARE 0402 PACKAGE SIZE
Figure 7. Front End Circuit Using a High Speed Differential Amplifier
Figure 5. Recommended Front End Circuit for Input Frequencies from 170MHz to 300MHz
21754314p
20
LTC2175-14/ LTC2174-14/LTC2173-14 APPLICATIONS INFORMATION
ground. For a 2V input range with an external reference, apply a 1.25V reference voltage to SENSE (Figure 9). The input range can be adjusted by applying a voltage to SENSE that is between 0.625V and 1.30V. The input range will then be 1.6 * VSENSE. The reference is shared by all four ADC channels, so it is not possible to independently adjust the input range of individual channels. The VREF, REFH and REFL pins should be bypassed as shown in Figure 8. The 0.1F capacitor between REFH and REFL should be as close to the pins as possible (not on the backside of the circuit board). Encode Input The signal quality of the encode inputs strongly affects the A/D noise performance. The encode inputs should be treated as analog signals--do not route them next to digital traces on the circuit board. There are two modes of operation for the encode inputs: the differential encode mode (Figure 10), and the single-ended encode mode (Figure 11).
LTC2175-14 1.25V VREF 1F 0.625V 5 1.25V BANDGAP REFERENCE
LTC2175-14
VDD DIFFERENTIAL COMPARATOR
VDD
15k RANGE DETECT AND CONTROL SENSE BUFFER INTERNAL ADC HIGH REFERENCE REFH
217514 F10
ENC+ ENC- 30k
TIE TO VDD FOR 2V RANGE; TIE TO GND FOR 1V RANGE; RANGE = 1.6 * VSENSE FOR 0.65V < VSENSE < 1.300V 0.1F
Figure 10. Equivalent Encode Input Circuit for Differential Encode Mode
2.2F 0.1F 0.8x DIFF AMP
0.1F REFL INTERNAL ADC LOW REFERENCE
217514 F08
LTC2175-14 1.8V TO 3.3V 0V ENC+ ENC- 30k CMOS LOGIC BUFFER
217514 F11
Figure 8. Reference Circuit
Figure 11. Equivalent Encode Input Circuit for Single-Ended Encode Mode
VREF 1F LTC2175-14 1.25V EXTERNAL REFERENCE SENSE 1F
217514 F09
Figure 9. Using an External 1.25V Reference
21754314p
21
LTC2175-14/ LTC2174-14/LTC2173-14 APPLICATIONS INFORMATION
The differential encode mode is recommended for sinusoidal, PECL, or LVDS encode inputs (Figures 12 and 13). The encode inputs are internally biased to 1.2V through 10k equivalent resistance. The encode inputs can be taken above VDD (up to 3.6V), and the common mode range is from 1.1V to 1.6V. In the differential encode mode, ENC- should stay at least 200mV above ground to avoid falsely triggering the single-ended encode mode. For good jitter performance ENC+ should have fast rise and fall times. The single-ended encode mode should be used with CMOS encode inputs. To select this mode, ENC - is connected to ground and ENC+ is driven with a square wave encode input. ENC+ can be taken above VDD (up to 3.6V) so 1.8V to 3.3V CMOS logic levels can be used. The ENC+ threshold is 0.9V. For good jitter performance ENC+ should have fast rise and fall times. Clock PLL and Duty Cycle Stabilizer The encode clock is multiplied by an internal phase-locked loop (PLL) to generate the serial digital output data. If the encode signal changes frequency or is turned off, the PLL requires 25s to lock onto the input clock. A clock duty cycle stabilizer circuit allows the duty cycle of the applied encode signal to vary from 30% to 70%. In the serial programming mode it is possible to disable the duty cycle stabilizer, but this is not recommended. In the parallel programming mode the duty cycle stabilizer is always enabled.
0.1F 0.1F T1 50 100 0.1F 50 ENC-
217514 F12
ENC+
ENC+
LTC2175-14 PECL OR LVDS CLOCK LTC2175-14 0.1F ENC-
217514 F13
0.1F
Figure 13. PECL or LVDS Encode Drive
T1 = MA/COM ETC1-1-13 RESISTORS AND CAPACITORS ARE 0402 PACKAGE SIZE
Figure 12. Sinusoidal Encode Drive
21754314p
22
LTC2175-14/ LTC2174-14/LTC2173-14 APPLICATIONS INFORMATION
DIGITAL OUTPUTS The digital outputs of the LTC2175-14/LTC2174-14/ LTC2173-14 are serialized LVDS signals. Each channel outputs two bits at a time (2-lane mode). At lower sampling rates there is a one bit per channel option (1-lane mode). The data can be serialized with 16, 14, or 12-bit serialization (see timing diagrams for details). Note that with 12-bit serialization the two LSBs are not available--this mode is included for compatibility with the 12-bit versions of these parts. The output data should be latched on the rising and falling edges of the data clock out (DCO). A data frame output (FR) can be used to determine when the data from a new conversion result begins. In the 2-lane, 14-bit serialization mode, the frequency of the FR output is halved. The maximum serial data rate for the data outputs is 1Gbps, so the maximum sample rate of the ADC will depend on the serialization mode as well as the speed grade of the ADC (see Table 1). The minimum sample rate for all serialization modes is 5Msps. By default the outputs are standard LVDS levels: 3.5mA output current and a 1.25V output common mode voltage. An external 100 differential termination resistor is required for each LVDS output pair. The termination resistors should be located as close as possible to the LVDS receiver. The outputs are powered by OVDD and OGND which are isolated from the A/D core power and ground. Programmable LVDS Output Current The default output driver current is 3.5mA. This current can be adjusted by control register A2 in the serial programming mode. Available current levels are 1.75mA, 2.1mA, 2.5mA, 3mA, 3.5mA, 4mA and 4.5mA. In the parallel programming mode the SCK pin can select either 3.5mA or 1.75mA. Optional LVDS Driver Internal Termination In most cases using just an external 100 termination resistor will give excellent LVDS signal integrity. In addition, an optional internal 100 termination resistor can be enabled by serially programming mode control register A2. The internal termination helps absorb any reflections caused by imperfect termination at the receiver. When the internal termination is enabled, the output driver current is doubled to maintain the same output voltage swing. In the parallel programming mode the SDO pin enables internal termination.
Table 1. Maximum Sampling Frequency for All Serialization Modes. Note That These Limits Are for the LTC2175-14. The Sampling Frequency for the Slower Speed Grades Cannot Exceed 105MHz (LTC2174-14) or 80MHz (LTC2173-14).
SERIALIZATION MODE 2-Lane 2-Lane 2-Lane 1-Lane 1-Lane 1-Lane 16-Bit Serialization 14-Bit Serialization 12-Bit Serialization 16-Bit Serialization 14-Bit Serialization 12-Bit Serialization MAXIMUM SAMPLING FREQUENCY fS (MHz) , 125 125 125 62.5 71.4 83.3 DCO FREQUENCY 4 * fS 3.5 * fS 3 * fS 8 * fS 7 * fS 6 * fS FR FREQUENCY fS 0.5 * fS fS fS fS fS SERIAL DATA RATE 8 * fS 7 * fS 6 * fS 16 * fS 14 * fS 12 * fS
21754314p
23
LTC2175-14/ LTC2174-14/LTC2173-14 APPLICATIONS INFORMATION
DATA FORMAT Table 2 shows the relationship between the analog input voltage and the digital data output bits. By default the output data format is offset binary. The 2's complement format can be selected by serially programming mode control register A1.
Table 2. Output Codes vs Input Voltage
AIN+ - AIN- (2V RANGE) >1.000000V +0.999878V +0.999756V +0.000122V +0.000000V -0.000122V -0.000244V -0.999878V -1.000000V <-1.000000V D13-D0 (OFFSET BINARY) 11 1111 1111 1111 11 1111 1111 1111 11 1111 1111 1110 10 0000 0000 0001 10 0000 0000 0000 01 1111 1111 1111 01 1111 1111 1110 00 0000 0000 0001 00 0000 0000 0000 00 0000 0000 0000 D13-D0 (2's COMPLEMENT) 01 1111 1111 1111 01 1111 1111 1111 01 1111 1111 1110 00 0000 0000 0001 00 0000 0000 0000 11 1111 1111 1111 11 1111 1111 1110 10 0000 0000 0001 10 0000 0000 0000 10 0000 0000 0000
and all other bits. The FR and DCO outputs are not affected. The output randomizer is enabled by serially programming mode control register A1. Digital Output Test Pattern To allow in-circuit testing of the digital interface to the A/D, there is a test mode that forces the A/D data outputs (D13-D0) of all channels to known values. The digital output test patterns are enabled by serially programming mode control registers A3 and A4. When enabled, the test patterns override all other formatting modes: 2's complement and randomizer. Output Disable The digital outputs may be disabled by serially programming mode control register A2. The current drive for all digital outputs including DCO and FR are disabled to save power or enable in-circuit testing. When disabled the common mode of each output pair becomes high impedance, but the differential impedance may remain low. Sleep and Nap Modes The A/D may be placed in sleep or nap modes to conserve power. In sleep mode the entire chip is powered down, resulting in 1mW power consumption. Sleep mode is enabled by mode control register A1 (serial programming mode), or by SDI (parallel programming mode). The amount of time required to recover from sleep mode depends on the size of the bypass capacitors on VREF, REFH, and REFL. For the suggested values in Figure 8, the A/D will stabilize after 2ms. In nap mode any combination of A/D channels can be powered down while the internal reference circuits and the PLL stay active, allowing faster wakeup than from sleep
Digital Output Randomizer Interference from the A/D digital outputs is sometimes unavoidable. Digital interference may be from capacitive or inductive coupling or coupling through the ground plane. Even a tiny coupling factor can cause unwanted tones in the ADC output spectrum. By randomizing the digital output before it is transmitted off chip, these unwanted tones can be randomized which reduces the unwanted tone amplitude. The digital output is randomized by applying an exclusiveOR logic operation between the LSB and all other data output bits. To decode, the reverse operation is applied --an exclusive-OR operation is applied between the LSB
21754314p
24
LTC2175-14/ LTC2174-14/LTC2173-14 APPLICATIONS INFORMATION
mode. Recovering from nap mode requires at least 100 clock cycles. If the application demands very accurate DC settling then an additional 50s should be allowed so the on-chip references can settle from the slight temperature shift caused by the change in supply current as the A/D leaves nap mode. Nap mode is enabled by mode control register A1 in the serial programming mode. DEVICE PROGRAMMING MODES The operating modes of the LTC2175-14/LTC2174-14/ LTC2173-14 can be programmed by either a parallel interface or a simple serial interface. The serial interface has more flexibility and can program all available modes. The parallel interface is more limited and can only program some of the more commonly used modes. Parallel Programming Mode To use the parallel programming mode, PAR/SER should be tied to VDD. The CS, SCK, SDI and SDO pins are binary logic inputs that set certain operating modes. These pins can be tied to VDD or ground, or driven by 1.8V, 2.5V, or 3.3V CMOS logic. When used as an input, SDO should be driven through a 1k series resistor. Table 3 shows the modes set by CS, SCK, SDI and SDO. Serial Programming Mode To use the serial programming mode, PAR/SER should be tied to ground. The CS, SCK, SDI and SDO pins become a serial interface that program the A/D mode control registers. Data is written to a register with a 16-bit serial word. Data can also be read back from a register to verify its contents. Serial data transfer starts when CS is taken low. The data on the SDI pin is latched at the first 16 rising edges of SCK. Any SCK rising edges after the first 16 are ignored. The data transfer ends when CS is taken high again. The first bit of the 16-bit input word is the R/W bit. The next seven bits are the address of the register (A6:A0). The final eight bits are the register data (D7:D0). If the R/W bit is low, the serial data (D7:D0) will be written to the register set by the address bits (A6:A0). If the R/W bit is high, data in the register set by the address bits (A6:A0) will be read back on the SDO pin (see the Timing Diagrams sections). During a read back command the register is not updated and data on SDI is ignored. The SDO pin is an open-drain output that pulls to ground with a 200 impedance. If register data is read back through SDO, an external 2k pull-up resistor is required. If serial
Table 3. Parallel Programming Mode Control Bits (PAR/SER = VDD)
Pin CS DESCRIPTION 2-Lane / 1-Lane Selection Bit 0 = 2-Lane, 16-Bit Serialization Output Mode 1 = 1-Lane, 14-Bit Serialization Output Mode SCK LVDS Current Selection Bit 0 = 3.5mA LVDS Current Mode 1 = 1.75mA LVDS Current Mode SDI Power Down Control Bit 0 = Normal Operation 1 = Sleep Mode SDO Internal Termination Selection Bit 0 = Internal Termination Disabled 1 = Internal Termination Enabled
21754314p
25
LTC2175-14/ LTC2174-14/LTC2173-14 APPLICATIONS INFORMATION
data is only written and read back is not needed, then SDO can be left floating and no pull-up resistor is needed. Table 4 shows a map of the mode control registers. Software Reset If serial programming is used, the mode control registers should be programmed as soon as possible after the power supplies turn on and are stable. The first serial command must be a software reset which will reset all register data bits to logic 0. To perform a software reset, bit D7 in the reset register is written with a logic 1. After the reset is complete, bit D7 is automatically set back to zero. GROUNDING AND BYPASSING The LTC2175-14/LTC2174-14/LTC2173-14 requires a printed circuit board with a clean unbroken ground plane. A multilayer board with an internal ground plane is recommended. Layout for the printed circuit board should ensure that digital and analog signal lines are separated as much as possible. In particular, care should be taken not to run any digital track alongside an analog signal track or underneath the ADC. High quality ceramic bypass capacitors should be used at the VDD, OVDD, VCM, VREF, REFH and REFL pins. Bypass capacitors must be located as close to the pins as possible. Of particular importance is the 0.1F capacitor between REFH and REFL. This capacitor should be on the same side of the circuit board as the A/D, and as close to the device as possible (1.5mm or less). Size 0402 ceramic capacitors are recommended. The larger 2.2F capacitor between REFH and REFL can be somewhat further away. The traces connecting the pins and bypass capacitors must be kept short and should be made as wide as possible. The analog inputs, encode signals, and digital outputs should not be routed next to each other. Ground fill and grounded vias should be used as barriers to isolate these signals from each other. HEAT TRANSFER Most of the heat generated by the LTC2175-14/LTC2174-14/ LTC2173-14 is transferred from the die through the bottom-side Exposed Pad and package leads onto the printed circuit board. For good electrical and thermal performance, the Exposed Pad must be soldered to a large grounded pad on the PC board.
Table 4. Serial Programming Mode Register Map (PAR/SER = GND)
REGISTER A0: RESET REGISTER (ADDRESS 00h) D7 RESET Bit 7 RESET D6 X D5 X Software Reset Bit D4 X D3 X D2 X D1 X D0 X
0 = Not Used 1 = Software Reset. All Mode Control Registers are Reset to 00h. The ADC is Momentarily Placed in SLEEP Mode. This Bit is Automatically Set Back to Zero After the Reset is Complete Bits 6-0 Unused, Don't Care Bits.
REGISTER A1: FORMAT AND POWER-DOWN REGISTER (ADDRESS 01h) D7 DCSOFF Bit 7 D6 RAND D5 TWOSCOMP D4 SLEEP D3 NAP_4 D2 NAP_3 D1 NAP_2 D0 NAP_1
DCSOFF Clock Duty Cycle Stabilizer Bit 0 = Clock Duty Cycle Stabilizer On 1 = Clock Duty Cycle Stabilizer Off. This is Not Recommended. RAND Data Output Randomizer Mode Control Bit 0 = Data Output Randomizer Mode Off 1 = Data Output Randomizer Mode On
Bit 6
21754314p
26
LTC2175-14/ LTC2174-14/LTC2173-14 APPLICATIONS INFORMATION
Bit 5 TWOSCOMP Two's Complement Mode Control Bit 0 = Offset Binary Data Format 1 = Two's Complement Data Format SLEEP: NAP_4:NAP_1 Sleep/Nap Mode Control Bits 00000 = Normal Operation 0XXX1 = Channel 1 in Nap Mode 0XX1X = Channel 2 in Nap Mode 0X1XX = Channel 3 in Nap Mode 01XXX = Channel 4 in Nap Mode 1XXXX = Sleep Mode. All Channels are Disabled Note: Any Combination of Channels Can Be Placed in Nap Mode.
Bits 4-0
REGISTER A2: OUTPUT MODE REGISTER (ADDRESS 02h) D7 ILVDS2 Bits 7-5 D6 ILVDS1 D5 ILVDS0 D4 TERMON D3 OUTOFF D2 OUTMODE2 D1 OUTMODE1 D0 OUTMODE0
ILVDS2:ILVDS0 LVDS Output Current Bits 000 = 3.5mA LVDS Output Driver Current 001 = 4.0mA LVDS Output Driver Current 010 = 4.5mA LVDS Output Driver Current 011 = Not Used 100 = 3.0mA LVDS Output Driver Current 101 = 2.5mA LVDS Output Driver Current 110 = 2.1mA LVDS Output Driver Current 111 = 1.75mA LVDS Output Driver Current TERMON LVDS Internal Termination Bit 0 = Internal Termination Off 1 = Internal Termination On. LVDS Output Driver Current is 2x the Current Set by ILVDS2:ILVDS0 OUTOFF Output Disable Bit 0 = Digital Outputs are Enabled. 1 = Digital Outputs are Disabled. OUTMODE2:OUTMODE0 Digital Output Mode Control Bits 000 = 2-Lanes, 16-Bit Serialization 001 = 2-Lanes, 14-Bit Serialization 010 = 2-Lanes, 12-Bit Serialization 011 = Not Used 100 = Not Used 101 = 1-Lane, 14-Bit Serialization 110 = 1-Lane, 12-Bit Serialization 111 = 1-Lane, 16-Bit Serialization
Bit 4
Bit 3
Bits 2-0
REGISTER A3: TEST PATTERN MSB REGISTER (ADDRESS 03h) D7 OUTTEST Bit 7 D6 X D5 TP13 D4 TP12 D3 TP11 D2 TP10 D1 TP9 D0 TP8
OUTTEST Digital Output Test Pattern Control Bit 0 = Digital Output Test Pattern Off 1 = Digital Output Test Pattern On Unused, Don't Care Bit. TP13:TP8 Test Pattern Data Bits (MSB) TP13:TP8 Set the Test Pattern for Data Bit 13(MSB) Through Data Bit 8.
Bit 6 Bit 5-0
REGISTER A4: TEST PATTERN LSB REGISTER (ADDRESS 04h) D7 TP7 Bit 7-0 D6 TP6 D5 TP5 D4 TP4 D3 TP3 D2 TP2 D1 TP1 D0 TP0
TP7:TP0 Test Pattern Data Bits (LSB) TP7:TP0 Set the Test Pattern for Data Bit 7 Through Data Bit 0(LSB).
21754314p
27
LTC2175-14/ LTC2174-14/LTC2173-14 TYPICAL APPLICATIONS
Silkscreen Top Top Side
Inner Layer 2 GND
Inner Layer 3
21754314p
28
LTC2175-14/ LTC2174-14/LTC2173-14 TYPICAL APPLICATIONS
Inner Layer 4 Inner Layer 5 Power
Bottom Side
Silkscreen Bottom
21754314p
29
LTC2175-14/ LTC2174-14/LTC2173-14 TYPICAL APPLICATIONS
LTC2175 Schematic
SENSE R14 1k C17 1F PAR/SER SDO
C4 1F
C5 1F
52 51 50 49 48 47 46 45 44 43 42 41 SENSE VDD VDD GND VREF PAR/SER SDO GND OUT1A+ OUT1A- OUT1B+ R8 100 AIN1 C29 0.1F 1 2 3 R92 100 AIN2 4 5 6 7 C2 0.1F C3 0.1F AIN3 AIN3 C59 0.1F AIN4 AIN4 VDD C7 0.1F R94 100 R93 100 C1 2.2F C30 0.1F 8 9 10 11 12 13 14 OUT1B- AIN1
AIN1+ AIN1- VCM12 AIN2+ AIN2- REFH REFH REFL REFL AIN3+ AIN3
-
40 OUT2A+ OUT2A- OUT2B+ OUT2B- DCO+ 39 38 37 36 35 34 33 32 31 30 29 28 27
DIGITAL OUTPUTS
AIN2
LTC2175
DCO- OVDD OGND FR+ FR- OUT3A+ OUT3A- OUT3B+ OUT3B- OUT4B- OUT4B+ OUT4A- OUT4A+
OVDD C16 0.1F
VCM34 AIN4+ AIN4- ENC+ ENC- GND SCK VDD VDD SDI CS
DIGITAL OUTPUTS
15 16 17 18 19 20 21 22 23 24 25 26
C47 0.1F ENCODE CLOCK
C46 0.1F
SPI BUS
ENCODE CLOCK
217514 TA02
21754314p
30
LTC2175-14/ LTC2174-14/LTC2173-14 PACKAGE DESCRIPTION
UKG Package 52-Lead Plastic QFN (7mm x 8mm)
(Reference LTC DWG # 05-08-1729 Rev O)
7.50 0.05 6.10 0.05 5.50 REF (2 SIDES) 0.70 0.05
6.45 0.05
6.50 REF 7.10 0.05 8.50 0.05 (2 SIDES)
5.41 0.05
PACKAGE OUTLINE 0.25 0.05 0.50 BSC RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED 7.00 0.10 (2 SIDES) 0.75 0.05 0.00 - 0.05 R = 0.115 TYP 5.50 REF (2 SIDES) 51 52 0.40 0.10 1 2 PIN 1 NOTCH R = 0.30 TYP OR 0.35 x 45C CHAMFER
PIN 1 TOP MARK (SEE NOTE 6)
8.00 0.10 (2 SIDES)
6.45 0.10 6.50 REF (2 SIDES)
5.41 0.10
TOP VIEW 0.200 REF 0.00 - 0.05
R = 0.10 TYP
(UKG52) QFN REV O 0306
0.25 0.05 0.50 BSC BOTTOM VIEW--EXPOSED PAD
0.75 0.05
SIDE VIEW
NOTE: 1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE, IF PRESENT 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
21754314p
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
31
LTC2175-14/ LTC2174-14/LTC2173-14 RELATED PARTS
PART NUMBER ADCs LTC2170-14/LTC2171-14/ LTC2172-14 LTC2170-12/LTC2171-12/ LTC2172-12 LTC2173-12/LTC2174-12/ LTC2175-12 LTC2202/LTC2203 LTC2204/LTC2205 LTC2205-14/LTC2206-14/ LTC2207-14 LTC2206/LTC2207 LTC2208 LTC2208-14 LTC2209 LTC2215/LTC2216/ LTC2217 LTC2240-12/LTC2241-12/ LTC2242-12 LTC2256-14/LTC2257-14/ LTC2258-14 LTC2259-14/LTC2260-14/ LTC2261-14 LTC2262-14 LTC2263-14/LTC2264-14/ LTC2265-14 LTC2263-12/LTC2264-12/ LTC2265-12 LTC2266-14/LTC2267-14/ LTC2268-14 LTC2266-12/LTC2267-12/ LTC2268-12 LTC2284/LTC2285 LTC2295/LTC2296/ LTC2297 LTC2298/LTC2299 RF Mixers/Demodulators LTC5517 LTC5527 LTC5557 LTC5575 Amplifiers/Filters LTC6416 LTC6420-20 LTC6421-20 LTC6605-7/ LTC6605-10/ LTC6605-14 DESCRIPTION 14-Bit, 25Msps/40Msps/65Msps 1.8V Quad ADCs, Ultralow Power 12-Bit, 25Msps/40Msps/65Msps 1.8V Quad ADCs, Ultralow Power 12-Bit, 80Msps/105Msps/125Msps 1.8V Quad ADCs, Ultralow Power 16-Bit, 10Msps/25Msps, 3.3V ADCs 16-Bit, 40Msps/65Msps 3.3V ADCs 14-Bit, 65Msps/80Msps/105Msps 3.3V ADCs 16-Bit, 80Msps/105Msps 3.3V ADCs 16-Bit, 130Msps 3.3V ADC 14-Bit, 130Msps 3.3V ADC 16-Bit, 160Msps 3.3V ADC 16-Bit, 65Msps/80Msps/105Msps 3.3V Low Noise ADCs 12-Bit, 170Msps/210Msps/250Msps 2.5V ADCs 14-Bit, 25Msps/40Msps/65Msps Msps1.8V ADCs, Ultralow Power 14-Bit, 80Msps/105Msps/125Msps 1.8V ADCs, Ultralow Power 14-Bit, 150Msps 1.8V ADC, Ultralow Power 14-Bit, 25Msps/40Msps/65Msps 1.8V Dual ADCs, Ultralow Power 12-Bit, 25Msps/40Msps/65Msps 1.8V Dual ADCs, Ultralow Power 14-Bit, 80Msps/105Msps/125Msps 1.8V Dual ADCs, Ultralow Power 12-Bit, 80Msps/105Msps/125Msps 1.8V Dual ADCs, Ultralow Power 14-Bit, 105Msps/125Msps 3V Dual ADCs 14-Bit, 10Msps/25Msps/40Msps 3V Dual ADCs 14-Bit, 65Msps/80Msps 3V Dual ADCs 40MHz to 900MHz Direct Conversion Quadrature Demodulator 400MHz to 3.7GHz High Linearity Downconverting Mixer 400MHz to 3.8GHz High Linearity Downconverting Mixer 800MHz to 2.7GHz Direct Conversion Quadrature Demodulator 800MHz, 31dB Range, Analog-Controlled Variable Gain Amplifier 1.8GHz Dual Low Noise, Low Distortion Differential ADC Drivers for 300MHz IF 1.3GHz Dual Low Noise, Low Distortion Differential ADC Drivers Dual Matched 7MHz/10MHz/14MHz Filters with ADC Drivers COMMENTS 178mW/234mW/360mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs, 7mm x 8mm QFN-52 178mW/234mW/360mW, 70.5dB SNR, 85dB SFDR, Serial LVDS Outputs, 7mm x 8mm QFN-52 412mW/481mW/567mW, 70.5dB SNR, 85dB SFDR, Serial LVDS Outputs, 7mm x 8mm QFN-52 140mW/220mW, 81.6dB SNR, 100dB SFDR, CMOS Outputs, 7mm x 7mm QFN-48 480mW/590mW, 79dB SNR, 100dB SFDR, CMOS Outputs, 7mm x 7mm QFN-48 597mW/762mW/947mW, 78.3dB/77.3dB/77.3dB SNR, 98dB SFDR, CMOS Outputs, 7mm x 7mm QFN-48 725mW/900mW, 77.9dB SNR, 100dB SFDR, CMOS Outputs, 7mm x 7mm QFN-48 1250mW, 77.7dB SNR, 100dB SFDR, LVDS Outputs, 9mm x 9mm QFN-64 1320mW, 77.1dB SNR, 98dB SFDR, LVDS Outputs, 9mm x 9mm QFN-64 1450mW, 77.1dB SNR, 100dB SFDR, LVDS Outputs, 9mm x 9mm QFN-64 700mW/970mW/1190mW, 81.5dB/81.3dB/81.2dB SNR, 100dB SFDR, LVDS Outputs, 9mm x 9mm QFN-64 445mW/585mW/740mW, 65.5dB SNR, 80dB SFDR, CMOS/LVDS Outputs, 9mm x 9mm QFN-64 35mW/49mW/81mW, 74dB SNR, 88dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs, 6mm x 6mm QFN-36 89mW/106mW/127mW, 73.4dB SNR, 85dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs, 6mm x 6mm QFN-36 149mW, 72.8dB SNR, 88dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs, 6mm x 6mm QFN-36 99mW/126mW/191mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs, 6mm x 6mm QFN-36 99mW/126mW/191mW, 70.5dB SNR, 85dB SFDR, Serial LVDS Outputs, 6mm x 6mm QFN-36 216mW/250mW/293mW, 73.4dB SNR, 85dB SFDR, Serial LVDS Outputs, 6mm x 6mm QFN-36 216mW/250mW/293mW, 70.5dB SNR, 85dB SFDR, Serial LVDS Outputs, 6mm x 6mm QFN-36 540mW/790mW, 72.4dB SNR, 88dB SFDR, CMOS Outputs, 9mm x 9mm QFN-64 120mW/150mW/235mW, 74.4dB SNR, 90dB SFDR, CMOS Outputs, 9mm x 9mm QFN-64 400mW/444mW, 74.3dB/73.0dB SNR, 90dB SFDR, CMOS Outputs, 9mm x 9mm QFN-64 High IIP3: 21dBm at 800MHz, Integrated LO Quadrature Generator 24.5dBm IIP3 at 900MHz, 23.5dBm IIP3 at 3.5GHz, NF = 12.5dB, 50 Single-Ended RF and LO Ports 23.7dBm IIP3 at 2.6GHz, 23.5dBm IIP3 at 3.5GHz, NF = 13.2dB, 3.3V Supply Operation, Integrated Transformer High IIP3: 28dBm at 900MHz, Integrated LO Quadrature Generator, Integrated RF and LO Transformer Continuously Adjustable Gain Control, 35dBm OIP3 at 240MHz, 10dB Noise Figure, 4mm x 4mm QFN-24 Fixed Gain 10V/V, 1nV/Hz Total Input Noise, 80mA Supply Current per Amplifier, 3mm x 4mm QFN-20 Fixed Gain 10V/V, 1nV/Hz Total Input Noise, 40mA Supply Current per Amplifier, 3mm x 4mm QFN-20 Dual Matched 2nd Order Lowpass Filters with Differential Drivers, Pin-Programmable Gain, 6mm x 3mm DFN-22
21754314p LT 0709 * PRINTED IN USA
32 Linear Technology Corporation
(408) 432-1900 FAX: (408) 434-0507
1630 McCarthy Blvd., Milpitas, CA 95035-7417
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2009


▲Up To Search▲   

 
Price & Availability of LTC2175IUKG-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X